Part Number Hot Search : 
M78L0 BC214C 71418 13003X AA1A3QC N74ACT 74VCX16 60125
Product Description
Full Text Search
 

To Download 74LVC162244A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74LVC162244A/74LVCH162244A 16-bit buffer/line driver; with 30 series termination resistors, 5V input/output tolerant (3-State)
Product specification IC24 Data Handbook 1998 Feb 17
Philips Semiconductors
Philips Semiconductors
Product specification
16-bit buffer/line driver; with 30 series termination resistors; 5V input/output tolerant (3-State)
74LVC162244A/ 74LVCH162244A
FEATURES
* 5 volt tolerant inputs/outputs for interfacing with 5V logic * Wide supply voltage range of 1.2V to 3.6V * Complies with JEDEC standard no. 8-1A * CMOS low power consumption * MULTIBYTETM flow-through standard pin-out architecture * Low inductance multiple power and ground pins for minimum
noise and ground bounce
PIN CONFIGURATION
1OE 1Y0 1Y1 GND 1Y2 1Y3 VCC 2Y0 2Y1 1 2 3 4 5 6 7 8 9 48 2OE 47 1A0 46 1A1 45 GND 44 1A2 43 1A3 42 VCC 41 2A0 40 2A1 39 GND 38 2A2 37 2A3 36 3A0 35 3A1 34 GND 33 3A2 32 3A3 31 VCC 30 4A0 29 4A1 28 GND 27 4A2 26 4A3 25 3OE
* Direct interface with TTL levels * Bus Hold on data inputs (74LVCH162244A only) * Integrated 30 termination resistors
DESCRIPTION
The 74LVC(H)162244A is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families. Inputs can be driven from either 3.3V or 5V devices. In 3-State operation, outputs can handle 5V. These features allow the use of these devices in a mixed 3.3V/5V environment. The 74LVC(H)162244A is a 16-bit non-inverting buffer/line driver with 3-State outputs. The device can be used as four 4-bit buffers, two 8-bit buffers or one 16-bit buffer. The 3-State outputs are controlled by the output enable inputs 1OE and 2OE. A HIGH on nOE causes the outputs to assume a high impedance OFF-state. The 74LVC(H)162244A is designed with 30 series termination resistors in both HIGH and LOW output stages to reduce line noise. The device can be used as four 4-bit buffers, two 8-bit buffers or one 16-bit buffer. The 74LVCH162244A bus hold data inputs eliminates the need for external pull up resistors to hold unused inputs.
GND 10 2Y2 11 2Y3 12 3Y0 13 3Y1 14 GND 15 3Y2 16 3Y3 17 VCC 18 4Y0 19 4Y1 20 GND 21 4Y2 22 4Y3 23 4OE 24
SW00194
ORDERING INFORMATION
PACKAGES 48-Pin Plastic SSOP Type III 48-Pin Plastic TSSOP Type II 48-Pin Plastic SSOP Type III 48-Pin Plastic TSSOP Type II TEMPERATURE RANGE -40C to +85C -40C to +85C -40C to +85C -40C to +85C OUTSIDE NORTH AMERICA 74LVC162244A DL 74LVC162244A DGG 74LVCH162244A DL 74LVCH162244A DGG NORTH AMERICA VC162244A DL VC162244A DGG VCH162244A DL VCH162244A DGG DWG NUMBER SOT370-1 SOT362-1 SOT370-1 SOT362-1
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25C; tr = tf 2.5 ns SYMBOL tPHL/tPLH CI CPD PARAMETER Propagation delay 1An to 1Yn; 2An to 2Yn Input capacitance Power dissipation capacitance per buffer VI = GND to VCC1 CL = 50pF VCC = 3.3V CONDITIONS TYPICAL 2.9 5.0 25 UNIT ns pF pF
NOTES: 1. CPD is used to determine the dynamic power dissipation (PD in mW): PD = CPD x VCC2 x fi + S (CL x VCC2 x fo) where: fi = input frequency in MHz; CL = output load capacity in pF; fo = output frequency in MHz; VCC = supply voltage in V; S (CL x VCC2 x fo) = sum of the outputs.
1998 Feb 17
2
853-2014 18975
Philips Semiconductors
Product specification
16-bit buffer/line driver; with 30 series termination resistors; 5V input/output tolerant (3-State)
74LVC162244A/ 74LVCH162244A
PIN DESCRIPTION
PIN NUMBER 1 2, 3, 5, 6 4, 10, 15, 21, 28, 34, 39, 45 7, 18, 31, 42 8, 9, 11, 12 13, 14, 16, 17 19, 20, 22, 23 24 25 30, 29, 27, 26 36, 35, 33, 32 41, 40, 38, 37 47, 46, 44, 43 48 SYMBOL 1OE 1Y0 to 1Y3 GND VCC 2Y0 to 2Y3 3Y0 to 3Y3 4Y0 to 4Y3 4OE 3OE 4A0 to 4A3 3A0 to 3A3 2A0 to 2A3 1A0 to 1A3 2OE NAME AND FUNCTION Output enable input (active LOW) Data outputs Ground (0V) Positive supply voltage Data outputs Data outputs Data outputs Output enable input (active LOW) Output enable input (active LOW) Data inputs Data inputs Data inputs Data inputs Output enable input (active LOW)
FUNCTION TABLE
INPUTS nOE L L H H = HIGH voltage level L = LOW voltage level X = don't care Z = high impedance OFF-state nAn L H X OUTPUT nYn L H Z
LOGIC SYMBOL (IEEE/IEC)
1OE 2OE 3OE 4OE 1A0 1A1 1A2 1A3 2A0 1 48 25 24 47 46 44 43 41 1 40 38 37 36 35 33 32 30 29 27 26 1 4 1 3 2 1EN 2EN 3EN 4EN 1 1 2 3 5 6 8 9 11 12 13 14 16 17 19 20 22 23 1Y0 1Y1 1Y2 1Y3 2Y0 2Y1 2Y2 2Y3 3Y0 3Y1 3Y2 3Y3 4Y0 4Y1 4Y2 4Y3
LOGIC SYMBOL
1A0 47 2 1Y0 3A0 36 13 3Y0
2A1 2A2 2A3 3A0
1A1
46
3
1Y1
3A1
35
14
3Y1
3A1 3A2
1A2
44
5
1Y2
3A2
33
16
3Y2
3A3 4A0
1A3
43
6
1Y3
3A3
32
17
3Y3
4A1 4A2
1OE
1
3OE
25
4A3
SW00056
2A0 41 8 2Y0 4A0 30 19 4Y0
BUSHOLD CIRCUIT
2A1 40 9 2Y1 4A1 29 20 4Y1 VCC 2A2 38 11 2Y2 4A2 27 22 4Y2
2A3
37
12
2Y3
4A3
26
23
4Y3
2OE
48
4OE
24 Data Input To internal circuit
SW00195
SW00044
1998 Feb 17
3
Philips Semiconductors
Product specification
16-bit buffer/line driver; with 30 series termination resistors; 5V input/output tolerant (3-State)
74LVC162244A/ 74LVCH162244A
ABSOLUTE MAXIMUM RATINGS1
In accordance with the Absolute Maximum Rating System (IEC 134) Voltages are referenced to GND (ground = 0V) SYMBOL VCC IIK VI IOK VO VO IO IGND, ICC Tstg Ptot PARAMETER DC supply voltage DC input diode current DC input voltage DC output diode current DC output voltage; output HIGH or LOW state DC output voltage; output 3-State DC output source or sink current DC VCC or GND current Storage temperature range Power dissipation per package - SSOP and TSSOP package Above +60C derate linearly 5.5mW/K VI < 0 Note 2 VO > VCC or VO < 0 Note 2 Note 2 VO = 0 to VCC CONDITIONS LIMITS MIN -0.5 - -0.5 - -0.5 -0.5 - - -65 MAX +6.5 -50 +6.5 "50 VCC + 0.5 6.5 "50 "100 +150 500 UNIT V mA V mA V V mA mA C mW
NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The input and output voltage ratings may be exceeded if the input and output clamp current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL VCC VCC VI VO VO Tamb tr, tf PARAMETER DC supply voltage (for max. speed performance) DC supply voltage (for low-voltage applications) DC Input voltage range DC output voltage range; output HIGH or LOW state DC output voltage range; output 3-State Operating ambient temperature range in free air Input rise and fall times See DC and AC characteristics for individual device VCC = 1.2 to 2.7V VCC = 2.7 to 3.6V CONDITIONS LIMITS MIN MIN. 2.7 1.2 0 0 0 -40 0 0 MAX MAX. 3.6 3.6 5.5 VCC 5.5 +85 20 10 UNIT V V V V V C ns/V
1998 Feb 17
4
Philips Semiconductors
Product specification
16-bit buffer/line driver; with 30 series termination resistors; 5V input/output tolerant (3-State)
74LVC162244A/ 74LVCH162244A
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltages are referenced to GND (ground = 0V) LIMITS SYMBOL PARAMETER TEST CONDITIONS Temp = -40C to +85C MIN VIH HIGH level Input voltage VCC = 1.2V VCC = 2.7 to 3.6V LOW level Input voltage VCC = 1.2V VCC = 2.7 to 3.6V VCC = 2.7V; VI = VIH or VIL; IO = -6mA VOH HIGH level output voltage VCC = 3.0V; VI = VIH or VIL; IO = -100A VCC = 3.0V; VI = VIH or VIL; IO = 12mA VCC = 2.7V; VI = VIH or VIL; IO = 6mA VOL LOW level output voltage VCC = 3.0V; VI = VIH or VIL; IO = 100A VCC = 3.0V; VI = VIH or VIL; IO = 12mA II IOZ Ioff ICC ICC ICC IBHL IBHH IBHLO IBHHO Input leakage current 3-State output OFF-state current Power off leakage supply Quiescent supply current Additional quiescent supply current per control pin Additional quiescent supply current per data input pin Bus hold LOW sustaining current Bus hold HIGH sustaining current Bus hold LOW overdrive current Bus hold HIGH overdrive current VCC = 3 6V; VI = 5 5V or 3.6V; 5.5V GND6 "0 1 "0.1 0.1 0.1 0.1 5 150 75 -75 450 -450 VCC*0.5 VCC*0.2 VCC*0.8 0.40 0.20 0.55 "5 "5 "10 20 500 750 A A A A A A A A A A V VCC V VCC 2.0 GND V 0.8 TYP1 MAX V UNIT
VIL
VCC = 3.6V; VI = VIH or VIL; VO = 5.5V or GND VCC = 0.0V; VI or VO = 5.5V VCC = 3.6V; VI = VCC or GND; IO = 0 VCC = 2.7V to 3.6V; VI = VCC -0.6V; IO = 0 VCC = 2.7V to 3.6V; VI = VCC -0.6V; IO = 0 VCC = 3.0V; VI = 0.8V2, 3, 4 VCC = 3.0V; VI = VCC = VCC = 3.6V2, 3 5 3.6V2, 3, 5 2.0V2, 3, 4
NOTES: 1. All typical values are at VCC = 3.3V and Tamb = 25C. 2. Valid for data inputs of bus hold parts (LVCH16-A) only. 3. For data inputs only, control inputs do not have a bus hold circuit. 4. The specified sustaining current at the data input holds the input below the specified VI level. 5. The specified overdrive current at the data input forces the data input to the opposite logic input state. 6. For bus hold parts, the bus hold circuit is switched off when Vi exceeds VCC allowing 5.5V on the input terminal.
1998 Feb 17
5
Philips Semiconductors
Product specification
16-bit buffer/line driver; with 30 series termination resistors; 5V input/output tolerant (3-State)
74LVC162244A/ 74LVCH162244A
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500; Tamb = -40C to +85C. LIMITS SYMBOL PARAMETER Propagation delay 1An to 1Yn; 2An to 2Yn 3-State output enable time 1OE to 1Yn; 2OE to 2Yn 3-State output disable time 1OE to 1Yn; 2OE to 2Yn WAVEFORM MIN tPHL tPLH tPZH tPZL tPHZ tPLZ 1 1.5 VCC = 3.3V 0.3V TYP1 2.9 MAX 6.3 VCC = 2.7V MIN 1.5 MAX 7.3 ns UNIT
2, 3
1.5
3.4
7.1
1.5
8.1
ns
2, 3
1.5
2.8
5.0
1.5
6.0
ns
NOTE: 1. All typical values are at VCC = 3.3V and Tamb = 25C.
AC WAVEFORMS
VM = 1.5V at VCC w 2.7V; VM = 0.5 VCC at VCC t 2.7V. VOL and VOH are the typical output voltage drop that occur with the output load. VX = VOL + 0.3V at VCC w 2.7V; VX = VOL + 0.1 VCC at VCC t 2.7V VY = VOH -0.3V at VCC w 2.7V; VY = VOH - 0.1 VCC at VCC t 2.7V
TEST CIRCUIT
VI An INPUT VCC VM S1 2GND
SW00057
Test Circuit for 3-State Outputs SWITCH POSITION TEST tPLH/tPHL SWITCH Open 2Waveform 1. Input (An) to output (Yn) propagation delay times
VI nOE INPUT GND VM
tPLZ/tPZL tPHZ/tPZH
tPLZ VCC OUTPUT LOW-to-OFF OFF-to-LOW VX VOL tPHZ VOH OUTPUT HIGH-to-OFF OFF-to-HIGH GND outputs enabled outputs disabled VY
tPZL
DEFINITIONS RL = Load resistor CL = Load capacitance includes jig and probe capacitance RT = Termination resistance should be equal to ZOUT of pulse generators.
VM
SW00047
Waveform 3. Load circuitry for switching times
tPZH
VM
outputs enabled
SW00058
Waveform 2. 3-State enable and disable times
1998 Feb 17
6
Philips Semiconductors
Product specification
16-bit buffer/line driver; 30 series termination resistors; 5V input/output tolerant (3-State)
74LVC162244A/ 74LVCH162244A
SSOP48: plastic shrink small outline package; 48 leads; body width 7.5 mm
SOT370-1
1998 Feb 17
7
Philips Semiconductors
Product specification
16-bit buffer/line driver; 30 series termination resistors; 5V input/output tolerant (3-State)
74LVC162244A/ 74LVCH162244A
TSSOP48: plastic thin shrink small outline package; 48 leads; body width 6.1mm
SOT362-1
1998 Feb 17
8
Philips Semiconductors
Product specification
16-bit buffer/line driver; 30 series termination resistors; 5V input/output tolerant (3-State)
74LVC162244A/ 74LVCH162244A
NOTES
1998 Feb 17
9
Philips Semiconductors
Product specification
16-bit buffer/line driver; 30 series termination resistors; 5V input/output tolerant (3-State)
74LVC162244A/ 74LVCH162244A
Data sheet status
Data sheet status Objective specification Preliminary specification Product specification Product status Development Qualification Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make chages at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
[1] Please consult the most recently issued datasheet before initiating or completing a design.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1998 All rights reserved. Printed in U.S.A. print code Document order number: Date of release: 05-96 9397-750-04529
Philips Semiconductors
yyyy mmm dd 10


▲Up To Search▲   

 
Price & Availability of 74LVC162244A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X